Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62A Datasheet(PDF) 2 Page - EPCOS

Part # LP62A
Description  SAW band-stop filter ISDB-T
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP62A Datasheet(HTML) 2 Page - EPCOS

  LP62A Datasheet HTML 1Page - EPCOS LP62A Datasheet HTML 2Page - EPCOS LP62A Datasheet HTML 3Page - EPCOS LP62A Datasheet HTML 4Page - EPCOS LP62A Datasheet HTML 5Page - EPCOS LP62A Datasheet HTML 6Page - EPCOS LP62A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
June 14, 2006
LP62A
620.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW band–stop filter
Preliminary data
Application
s
Low-loss RF band-stop filter for ISDB-T
s
Low amplitude ripple
s
Low group delay ripple
s
Usable passband 300 MHz
Features
s
Package size 1.4 x1.1 x 0.4 mm3
s
Maximum height of 0.45 mm
s
Package code QCS5I
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
1
Input unbalanced
s
4
Output unbalanced
s
3
External coupling coil
s
2,5
Case ground
1
2
5
4
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com