Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62A Datasheet(PDF) 4 Page - EPCOS

Part # LP62A
Description  SAW band-stop filter ISDB-T
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP62A Datasheet(HTML) 4 Page - EPCOS

  LP62A Datasheet HTML 1Page - EPCOS LP62A Datasheet HTML 2Page - EPCOS LP62A Datasheet HTML 3Page - EPCOS LP62A Datasheet HTML 4Page - EPCOS LP62A Datasheet HTML 5Page - EPCOS LP62A Datasheet HTML 6Page - EPCOS LP62A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
June 14, 2006
LP62A
620.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW band–stop filter
Preliminary data
Transfer function
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
1001)
1) according to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source power at
830.0 ... 840.0 MHz
PS
24
dBm
peak power of W–CDMA signal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com