Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1390P Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # MAS1390P
Description  Intellimod Module g Acceleration Sensor 4.75 5.25 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

MAS1390P Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  MAS1390P Datasheet HTML 1Page - Powerex Power Semiconductors MAS1390P Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
±2g Acceleration Sensor
4.75 – 5.25 Volts
MAS1390P
1
Description:
The MAS1390P is a ±2g
acceleration sensor designed
so the sensor element and the
signal processing circuit are
integrated in one package that is
small and can be mounted directly
on a printed board. This design
helps reduce the overall size of
the systems.
Features:
£
Capacitive Type Acceleration
Sensor
£
Output Proportional to Supply
£
16-pin Plastic SOP
£
Wide Operation Temperature
Range, Small Size and
Lightweight
Applications:
£
Inclination Meter
£
Video Projector
£
Car Navigation
£
Virtual Reality Input Devices
£
Vibration Measurement
Ordering Information:
MAS1390P is a ±2g
Acceleration Sensor
4.75 – 5.25 Volts
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
0.41±0.01
10.3±0.3
B
0.41±0.004
10.3±0.1
C
0.3±0.004
7.5±0.1
D
0.104 Max.
2.65 Max.
E
0.05
1.27
F
0.0165±0.0028 0.42±0.07
H
0.09
2.3
J
0.008±0.004
0.2±0.1
K
0.06
1.4
Dimensions
Inches
Millimeters
L
0.0315±0.008
0.8±0.2
M
0.1±0.002
0.25±0.05
N
8° Max.
8° Max.
P
0.034 Max.
0.855 Max.
Q
0.028
0.705
R
0.05 Min.
1.27 Min.
S
0.375
9.53
T
0.03
0.76
��������������������
������������������
��������
������
�����
���������
���
����
���
������
�������
�������������������������
�������������������
���������������������
������������
�������
���������
�����
���������
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
����������
����������
����������
����������
�
�
�
����������
�� ���
��� ��
�� ���
��� ��
�� ���
��� ��
�� ���
��� ��
�� ����� ��� ��
�� ���
��� ��
�� ����
��� ��
�� ����
��� ��
������������������������
�������������������
���������������������
�����������������������


Similar Part No. - MAS1390P

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
AM Receiver IC
More results

Similar Description - MAS1390P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21765 POWEREX-PS21765 Datasheet
758Kb / 9P
Intellimod??Module Intellimod??Module Power Module 20 Amperes/600 Volts
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
Acceleration Sensor - SENACC
logo
Powerex Power Semicondu...
PS21265-AP POWEREX-PS21265-AP Datasheet
537Kb / 8P
Intellimod??Module
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
logo
Pepperl+Fuchs Inc.
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
Acceleration sensor
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
logo
TDK Electronics
GYPRO2300 TDK-GYPRO2300 Datasheet
1Mb / 22P
MEMS Gyroskop, Digitalnl, Vybocenl, ± 300°/s, 4.75 V, 5.25 V, LCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com