Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1390P Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # MAS1390P
Description  Intellimod Module g Acceleration Sensor 4.75 5.25 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

MAS1390P Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  MAS1390P Datasheet HTML 1Page - Powerex Power Semiconductors MAS1390P Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAS1390P
±2g Acceleration Sensor
4.75 – 5.25 Volts
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings,
Ta = 25°C unless otherwise specified
Characteristics
Symbol
MAS1390P
Units
Maximum Operating Voltage
VCC(max.)
-0.3 ~ 7
Volts
Storage Temperature
Tstg
-40 ~ 105
°C
Maximum Operating Acceleration
ACC(max.)
±9800 (±1000)
m/s2 (g)
Operating Voltage (Ta = -30 ~ 85)
VCC
4.75 ~ 5.25
Volts
Operating Temperature
Topr
-30 ~ 85
°C
Rated Acceleration (Ta = -30 ~ 85)
ACC(opr)
Typ. = -19.6 ~ 19.6 (-2 ~ 2)
m/s2 (g)
Min. = -14.7 ~ 14.7 (-1.5 ~ 1.5)
Electrical and Mechanical Characteristics,
VCC = 5V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Main Axis Sensitivity
S
f = DC, Ta = 25°C
96.9
102.0
107.1 mV/(m/s2)
(970)
(1000)
(1030)
(mV/g)
f = DC, Ta = -30 ~ 85°C
91.8
102.0
112.2 mV/(m/s2)
(950)
(1000)
(1050)
(mV/g)
Offset Voltage
VO
ACC = 0 m/s2 (0g), Ta = 25°C
2.300
2.500
2.700
Volts
Δ from 25°C, ACC = 0 m/s2 (0g),
-1.5
0
1.5
mV/°C
Ta = -30 ~ 85°C
Upper Cut-off Frequency
fcH
Ta = -30 ~ 85°C
160
—
—
Hz
Output Linearity
LO
ACC = -19.6 ~ 19.6 m/s2 (-2 ~ 2g)
-2
0
2
%F.S.
Ta = 25°C
Sensitivity Ratio between
SO/S
Ta = 25°C
—
—
5
%
Main and Other Axis
Output Drive Capability
lodc
ACC = 0 m/s2 (0g), Ta = 25°C
-0.2
—
0.2
mA
Supply Current
ICC
ACC = 0 m/s2 (0g), Ta = 25°C
—
3.5
5.0
mA
Output Noise
NO
ACC = 0 m/s2 (0g) with External
—
8
15
mVp-p
Capacitors, Ta = -30 ~ 85°C
TYPICAL
CHARACTERISTICS
OPERATING
FREQUENCY RANGE
MEASUREMENT
CIRCUIT
������������������
��������������
�
�
��
�
�
���
����
���
����
����
���
���
�����
���
������
��
���
����
���
��������
���
�
�
�
��
���������������������������������
������������������������������
����������µ�����������������������
������������������������������



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com