Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMH-CCAS Datasheet(PDF) 4 Page - Kontron

Part # COMH-CCAS
Description  COM-HPC Client Size C module based on the 12th
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-CCAS Datasheet(HTML) 4 Page - Kontron

  COMH-CCAS Datasheet HTML 1Page - Kontron COMH-CCAS Datasheet HTML 2Page - Kontron COMH-CCAS Datasheet HTML 3Page - Kontron COMH-CCAS Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COMh-ccAS
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Cooling
Memory
ARTICLE
PART NO.
DESCRIPTION
COMh-ccAS HEAT SPREADER
THREADED
HCC0A-0000-99-0
Standard COM-HPC Heat Spreader for COMh-ccAS with threads
COMh-ccAS HEAT SPREADER
THROUGH HOLE
HCC0A-0000-99-1
Standard COM-HPC Heat Spreader for COMh-ccAS through hole
COMh-ccAS X-BRACKET
HCC0A-0000-99-2
X-Shape Bracket for Standard Motherboard Cooler
COMh-ccAS PCH COOLER
HCC0A-0000-99-3
PCH Cooler for COMh-ccAS
COMh-ccAS COOLING KIT 65W
HCC0A-0000-99-4
Motherboard CPU Cooler + X-Bracket + PCH Cooler
COMH-CCAS COOLER
MOUNTING JACKET
HCC0A-0000-99-5
Needs to be used instead of X-Bracket, when 4th memory module is in use
PART NO.
MIN. SPEC.
SIZE
ECC/NON-ECC
OP. TEMPERATURE
97040-0848-CCAS
DDR5-4800
8 GByte
No ECC
0 °C to +60 °C
97040-1648-CCAS
DDR5-4800
16 GByte
No ECC
0 °C to +60 °C
97040-3248-CCAS
DDR5-4800
32 GByte
No ECC
0 °C to +60 °C
97050-0848-CCAS
DDR5-4800
8 GByte
ECC
0 °C to +60 °C
97050-1648-CCAS
DDR5-4800
16 GByte
ECC
0 °C to +60 °C
97050-3248-CCAS
DDR5-4800
32 GByte
ECC
0 °C to +60 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com