Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMH-CCAS Datasheet(PDF) 2 Page - Kontron

Part # COMH-CCAS
Description  COM-HPC Client Size C module based on the 12th
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COMH-CCAS Datasheet(HTML) 2 Page - Kontron

  COMH-CCAS Datasheet HTML 1Page - Kontron COMH-CCAS Datasheet HTML 2Page - Kontron COMH-CCAS Datasheet HTML 3Page - Kontron COMH-CCAS Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
COMh-ccAS
Technical Information
COMPLIANCE
COM HPC® Size C Client
DIMENSIONS
160 x 120 mm
CPU (SoC)
Intel® Core™ “Alder Lake S”, Raptor Lake S” and “Raptor Lake S Refresh” Processor Series
For details see table “Variants” given below
CHIPSET
See table
MAIN MEMORY
2x DDR5 SODIMM for up to 64 GByte ECC / non ECC
on request: 4x DDR5 SODIMM for up to 128 GByte ECC / non ECC
ETHERNET CONTROLLER
2x Intel® I226 or
1x Intel® I226, 1x integrated MAC with GPY215
ETHERNET
2x 2.5 Gb Ethernet
STORAGE
2x SATA 6Gb/s
FLASH ONBOARD
-
PCI EXPRESS®
16x PCIe Gen 5.0 lanes (for high performance CPUs) + 8x PCIe Gen 4.0 lanes + 6x PCIe Gen 3.0 lanes
USB
4x (2x) USB 3.2
SERIAL
2x serial interface (RX/TX/CTS/RTS)
OTHER FEATURES
SPI, SMB, Fast I²C, Staged Watchdog, RTC
SPECIAL FEATURES
TPM 2.0
FEATURES ON REQUEST
additional 3rd and 4th SODIMM socket
POWER MANAGEMENT
ACPI 6.0
POWER SUPPLY
12 V ATX and/or Single Supply Power
BIOS
AMI UEFI
OPERATING SYSTEM
Linux, Windows 11
TEMPERATURE
Commercial temperature:
0 °C to +60 °C operating
-30 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com