Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175SO Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 175SO
Description  Single Mode Timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

175SO Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  175SO Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Single Mode Timer
• On Delay
• 10 Time Ranges
• Front knobs for Time Range
& Time Scale
• Slim, Space Saving Design
• DIN Rail Mount
IND. CONT. EQ.
496Y
SPECIFICATIONS
ACCURACY
Setting: ±5% of F.S.
Repeat: ±0.5% (F.S. = Full Scale)
RESET
Reset time < 100 msec
OUTPUT
SPDT (1 C/O)
CONTACT
CONTACT
N/O:5A @ 250V AC
RATING
N/C:3A @ 250V AC
MODES
On delay (A)
TIME RANGES
0.1 - 1 sec, 0.3 - 3 sec, 1-10 sec, 3-30 sec
0.1-1 min, 0.3-3 min, 1-10 min, 3-30 min
0.1-1 hr, 0.3-3 hr
SUPPLY
110V AC : (50 or 60 Hz)
POWER
CONSUMPTION
4.0 VA
TEMPERATURE
Operating: 0 to 50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
HUMIDITY
95% RH
(NON-CONDENSING)
WEIGHT
2.151 oz.
PROTECTION
NEMA 12
LEVEL
DIMENSIONS (MILLIMETERS)
44mm
60 mm
Cable Size (AWG): 16 ; Tightening Torque (Lb-inch): 4.5
ON
R
Cable Size (mm2): 1.5 ; Tightening Torque (N-m): 0.5
+
A1
15
16 18
NC
NO
COM
~
A2
–
Symmetrical 35mm Din Rail (EN50022) Mounting
17.5
mm
Function:
ON Delay (A)
Supply
Voltage
NO Contact
NC Contact
T = set time
T
ORDERING INFORMATION
PART NO.
SUPPLY VOLTAGE
175SO-110
110V AC
Automatic Timing & Controls
800.727.5646
atcdiversified.com
TERMINAL CONNECTIONS
TIMING DIAGRAM


Similar Part No. - 175SO

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
175 HONEYWELL-175 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
175 ETC2-175 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
3M Electronics
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
logo
Keystone Electronics Co...
175 KEYSTONE-175 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
Walther-Werke
175 WALTHER-175 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 175SO

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com