Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5035ALB Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5035ALB
Description  1.8V, High-frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5035ALB Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5035ALB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CF5035 series
SEIKO NPC CORPORATION —4
ELECTRICAL CHARACTERISTICS
DC Characteristics
Recommended operating conditions unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating current
consumption1
1. The operating current consumption includes the CL = 15pF capacitance load charging current.
IDD
Measurement cct 1,
INHN = open or HIGH,
CL = 15pF
5035ALA
f = 95MHz
VDD = 1.6 to 2.0V
–
11
19
mA
VDD = 2.25 to 2.75V
–
16
26
mA
VDD = 2.75 to 3.6V
–
20
33
mA
5035ALB
f = 125MHz
VDD = 1.6 to 2.0V
–
17
27
mA
VDD = 2.25 to 2.75V
–
23
36
mA
VDD = 2.75 to 3.6V
–
29
46
mA
5035ALC
f = 165MHz
VDD = 1.6 to 2.0V
–
23
37
mA
VDD = 2.25 to 2.75V
–
31
51
mA
VDD = 2.75 to 3.6V
–
39
65
mA
5035ALD
f = 220MHz
VDD = 2.25 to 2.75V
–
38
58
mA
VDD = 2.75 to 3.6V
–
48
73
mA
Standby current
IST
Measurement cct 1, INHN = LOW
–
–
10
µA
HIGH-level output voltage
VOH
Q: Measurement cct 3, VDD = 1.6 to 3.6V, IOH = 8mA
VDD – 0.4 VDD – 0.3
–
V
LOW-level output voltage
VOL
Q: Measurement cct 3, VDD = 1.6 to 3.6V, IOL = 8mA
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 5, INHN = LOW,
VDD = 3.6V
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
HIGH-level input voltage
VIH
INHN, Measurement cct 4
0.7VDD
––
V
LOW-level input voltage
VIL
INHN, Measurement cct 4
–
–
0.3VDD
V
INHN pull-up resistance
RPU1
Measurement cct 6
INHN = VSS
0.4
–
4
M
Ω
RPU2
INHN = 0.7VDD
30
–
150
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com