Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5035ALB Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5035ALB
Description  1.8V, High-frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5035ALB Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5035ALB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5035ALB Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CF5035 series
SEIKO NPC CORPORATION —5
AC Characteristics
Recommended operating conditions unless otherwise noted.
Timing chart
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output duty cycle
Duty
Measurement cct 1, Ta = 25
°C,
CL = 15pF
VDD = 2.25 to 3.6V
45
50
55
%
VDD = 1.6 to 2.25V
40
50
60
%
Rise time
tr1
Measurement cct 1, CL = 15pF, VDD = 2.25 to 3.6V,
0.1VDD to 0.9VDD
–12
ns
tr2
Measurement cct 1, CL = 15pF, VDD = 1.6 to 2.25V,
0.2VDD to 0.8VDD
–
1.5
2.5
ns
Fall time
tf1
Measurement cct 1, CL = 15pF, VDD = 2.25 to 3.6V,
0.9VDD to 0.1VDD
–12
ns
tf2
Measurement cct 1, CL = 15pF, VDD = 1.6 to 2.25V,
0.8VDD to 0.2VDD
–
1.5
2.5
ns
Output enable delay time1
1. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tOE
Measurement cct 2, Ta = 25
°C, CL ≤ 15pF,
INHN = LOW
→ HIGH
––2
ms
Output disable delay time
tOD
Measurement cct 2, Ta = 25
°C, CL ≤ 15pF,
INHN = HIGH
→ LOW
–
–
200
ns
Figure 1. Output switching waveform
Figure 2. Output disable/enable timing chart
0.9VDD
0.8VDD
tr2
Q
DUTY measurement
voltage (0.5V DD
)
TW
tr1
tf1
tf2
T
0.2VDD
0.1VDD
0.9VDD
0.8VDD
0.2VDD
0.1VDD
DUTY= TW/ T
100 (%)
Q
INHN
tOD
tOE
VIH
VIL
Hi-Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com