Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322B005A02CS Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 322B005A02CS
Description  Motor-Driven Cycle Progress Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

322B005A02CS Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  322B005A02CS Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 322B005A02CS Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
RANGE - 60HZ- 120 VAC
5 SEC
114
10 SEC
003
20 SEC
005
40 SEC
115
60 SEC
007
150 SEC
009
5 MIN
012
10 MIN
014
40 MIN
056
60 MIN
017
5 HR
113
RANGE - 50 HZ - 120 VAC
6 SEC
101
12 SEC
116
24 SEC
117
48 SEC
118
72 SEC
073
180 SEC
119
6 MIN
029
12 MIN
047
48 MIN
058
72 MIN
061
6 HR
030
Special
000
120/60
A
120/50
C
Special
K
VOLTAGE
FREQUENCY
DIMENSIONS (INCHES/MILLIMETERS)
ON DELAY
Timing Sequence**
SWITCH
CONTACTS
Before
During
End of
Start
Cycle
Cycle *
Instantaneous
4-3
4-5
Delayed (D2)
11-6
11-7
Delayed (D1)
9-10
9-8
* D
2 trips approximately 2-1/2% of range after end of cycle.
** Assumes a sustained closed start signal (i.e. longer than the
dial set time).
*
OFF DELAY
Timing Sequence**
SWITCH
CONTACTS
Before
During
End of
Start
Cycle
Cycle *
Instantaneous
4-3
4-5
Delayed (D
2)
11-6
11-7
Delayed (D
1)
9-10
9-8
* D2 trips approximately 2-1/2% to 5% of range after end of
cycle.
** Assumes a sustained closed start signal (i.e. longer than the
dial set time).
*
BLACK
Circuit Closed
GRAY
Circuit Open
MODEL NUMBER
MODEL NUMBER
322B
2
RANGE
VOLTAGE & FREQUENCY
ARRANGEMENTS
ON-DELAY (reset on power interruption)
1
OFF-DELAY (non-reset on power interruption)
2
Special
0
SWITCH DIFFERENTIAL
2-1/2% - 5% of dial range
2
FEATURES
STANDARD surface mounting unit, clutch contact
CS
SPECIAL
CK
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com