Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322B005A02CS Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 322B005A02CS
Description  Motor-Driven Cycle Progress Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

322B005A02CS Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  322B005A02CS Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 322B005A02CS Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
Motor-Driven Cycle Progress Timer
MODEL
Choice of ON-Delay or OFF-Delay
operation (not field-convertible)
RANGES
11 standard ranges, from 5 SEC to 5 HRS
at 60Hz (6 SEC to 6 HRS at 50 Hz)
REPEAT
– 2% of dial range.
ACCURACY
RESET TIME
150 ms.
MIN. SETTING 5% of dial range.
LIFE
MECHANICAL: 2,500,000 cycles (average)
EXPECTANCY
CONTACTS:
2,500,000 operations under
resistive or inductive load of 1A
TIMING
SINGLE CYCLE: interval, delay or pulse.
MODES
LOAD
INSTANTANEOUS: one, SPDT, precision type.
SWITCHES
DELAYED:
two, SPDT, precision type.
CONTACT RATINGS (non-inductive):
10 A at 120 VAC
5 A at 240V A C
TERMINALS
11-point terminal block on side of housing;
all terminals accept .250" push-on connectors.
Terminals 1, 2, 4, 9 and 11 are split
connectors for use with either one .250" or
two .110" push-on connectors.
POWER
120, 50 or 60 Hz. (±10%, - 15%)
REQUIREMENTS Running Current
121 mA (14.5 VA)
at 120V
Inrush Current
157 mA (18.9 VA)
at 120V
TEMPERATURE 32° to 120°F (0° to 50°C)
RATING
WEIGHT NET:
1 lb. 8 oz
SHIPPING: 2 lbs.
SPECIFICATIONS
NOTE: Some timing ranges are still available at 240VAC.
Check with ATC.
OPERATION
WIRING
A Dial-Adjustable TDR with cycle progress indication, the ATC 322 can
also be used as a low-cost automatic reset timer for a wide range of
interval, delay and pulse timing functions, in either ON-delay or
OFF-delay operation.
COST EFFECTIVE VERSATILE TIMING FUNCTIONS: The 322 provides
the versatile timing functions and features of much more expensive
automatic reset timers.
INSTANTANEOUS AND DELAYED LOAD SWITCHES: Because the
standard 322 includes an instantaneous switch as well as two delayed
switches, it can be used in the On-Delay mode for interval and/or
delayed control, with either a momentary or sustained start signal.
All three switches are mounted on a sliding deck which facilitates
replacement and maintenance.
SURFACE OR FLUSH MOUNT: The 322 is provided with hardware
for surface mounting or, if desired, flush mounting through a single
15/16" OD cutout in a 1/8" panel.
CYCLE PROGRESS INDICATION: A pointer in the dial knob rotates
during the cycle, continuously showing the time remaining until
time-out.
The 322 is a synchronous motor-driven timer with an electrically-
operated clutch equipped either for On-Delay or Off-Delay operation.
ON-DELAY: When power is applied (start signal sustained on), the
clutch engages, the motor begins to drive a cam toward its zero
position, and the instantaneous switch transfers from one set of con-
tacts to the other. At the end of the timed period, the cam trips one
of the delayed switches, but the motor continues to run. A brief time
later (about 2-1/2% to 5% of full scale), the cam trips the second
delayed switch, stopping the motor but leaving the clutch engaged.
The 322 resets when power is removed from the clutch.
OFF-DELAY: Timing begins when power is removed (start signal off)
from the spring-loaded, normally-engaged clutch. The timer resets
when power is restored to the clutch, thus disengaging it and transfer-
ring the instantaneous switch from one set of contacts to the other.
Action of the delayed contacts is the same as with the On-Delay timer.
A power outage stops the motor but does not reset the Off-Delay 322;
the timer completes the interrupted cycle when power is restored.
E24305
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 322B005A02CS

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
322BTP02 VCC-322BTP02 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
322BTP04 VCC-322BTP04 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
322BTP06 VCC-322BTP06 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
322BTP08 VCC-322BTP08 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
322BTP12 VCC-322BTP12 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
More results

Similar Description - 322B005A02CS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
Motor Timer
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
AV06-XX-28 ATM-AV06-XX-28 Datasheet
70Kb / 1P
OUTLINE, AV06 MOTOR-DRIVEN ATTENUATOR
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
Outdoor Motor Driven Industrial Siren
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
Motor Driven Card Reader
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com