Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5036C2 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5036C2
Description  2.5V LVPECL Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036C2 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5036C2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage range
VCC
−0.5 to +5.0
V
Input voltage range
VIN
GND
− 0.5 to VCC + 0.5
V
Output voltage range
VOUT
GND
− 0.5 to VCC + 0.5
V
Storage temperature range
TSTG
Chip form
−65 to +150
°C
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Operating supply voltage
VCC
2.375
–
3.6
V
Input voltage
VIN
GND
–
VCC
V
Operating temperature
TOPR
−40
+25
+85
°C
Output load
RL
Terminated to VCC − 2V
49.5
50
50.5
Ω
Output frequency
fOUT
25
–
700
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com