Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5036C2 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5036C2
Description  2.5V LVPECL Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036C2 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5036C2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036C2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —1
2.5V LVPECL Output Oscillator ICs
OVERVIEW
The CF5036 series are 2.5V operation, differential PECL output oscillator ICs. They support 50MHz to
250MHz 3rd overtone oscillation and 50MHz to 700MHz fundamental oscillation. The devices are fabricated
using a proprietary BiCMOS process, enabling a high-frequency oscillator circuit and differential LVPECL
output buffer to be incorporated on a single chip. The CF5036 series can be used to construct high-frequency
PECL output oscillators.
FEATURES
I
2.375 to 3.6V operating supply voltage range
I
Operating frequency range (varies with version)
• 50MHz to 700MHz fundamental oscillation
• 50MHz to 250MHz 3rd overtone oscillation
I
– 40 to 85
°C operating temperature range
I
Differential LVPECL output
I
50
Ω output load (terminated to VCC – 2V)
I
Standby function
• Outputs are high impedance when OE is LOW.
(oscillator stops)
I
Power-saving pull-up resistor built-in (pin OE)
I
BiCMOS process
I
Chip form (CF5036
××)
SERIES CONFIGURATION
Note. These versions in parentheses ( ) are under development. Please ask our Sales & Marketing section for further detail.
ORDERING INFORMATION
Version
Oscillation mode
Recommended operating
frequency range*1 [MHz]
*1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentica-
tion. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal
characteristics and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
Output frequency
CF5036G1
Fundamental
or
3rd overtone
50 to 80
fO
CF5036G2
fO/2
CF5036A1
80 to 120
fO
CF5036A2
fO/2
CF5036B1
100 to 180
fO
CF5036B2
fO/2
CF5036C1
150 to 250
fO
CF5036C2
fO/2
CF5036D1
Fundamental
250 to 400
fO
CF5036D2
fO/2
CF5036E1
400 to 600
fO
(CF5036E2)
fO/2
CF5036F1
600 to 700
fO
(CF5036F2)
fO/2
(CF5036V1)
Oscillator constants determined
by external components
(Rf, CXIN, CXOUT)
80 to 400
fO
(CF5036V2)
fO/2
(CF5036W1)
400 to 700
fO
(CF5036W2)
fO/2
Device
Package
CF5036
××–1
Chip form


Similar Part No. - CF5036C2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5036C2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
2.5V LVDS Output Oscillator ICs
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
EQXP-PC52 EUROQUARTZ-EQXP-PC52 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 2.5V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
2.5V LV-PECL Output Oscillator ICs
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
5087 NPC-5087 Datasheet
511Kb / 15P
LVDS Output Oscillator ICs
logo
Integrated Device Techn...
8SLVP2102 IDT-8SLVP2102 Datasheet
628Kb / 23P
2.5V LVPECL Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com