Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5306AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5306AV
Description  Low Voltage, 3-channel Video Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5306AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O1
1. I: input, O: output
Description
1
VCC1
–
Supply voltage 1
2
IN1
I
Video signal input 1
3
GND1
–
Ground 1
4
IN2
I
Video signal input 2
5
GND2
–
Ground 2
6
GSEL
I
Gain select (LOW: 0dB, HIGH:
+ 6dB)
7
IN3
I
Video signal input 3
8
GND3
–
Ground 3
9
OUT3
O
Video signal output 3
10
OFB3
O
Output feedback 3 (for sag compensation circuit)
11
VCC3
–
Supply voltage 3
12
OUT2
O
Video signal output 2
13
OFB2
O
Output feedback 2 (for sag compensation circuit)
14
VCC2
–
Supply voltage 2
15
OUT1
O
Video signal output 1
16
OFB1
O
Output feedback 1 (for sag compensation circuit)
IN1
IN2
GND3
VCC1
GND1
GND2
IN3
GSEL
CLAMP
OUT1
OFB1
+
−
OFB2
+
−
CLAMP
OUT3
OFB3
+
−
CLAMP
VCC3
VCC2
0dB/6dB
0dB/6dB
0dB/6dB
OUT2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com