Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5306AV Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5306AV
Description  Low Voltage, 3-channel Video Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306AV Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM5306AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —7
TYPICAL CHARACTERISTICS
VCC = 3.3V, Ta = 25°C, RL = 150Ω, fin = 100kHz, VIN= 1.0Vp-p, unless otherwise noted
See “Measurement Circuit Diagram”
Figure 1. Frequency response (Gain
= 0dB)
-12
-9
-6
-3
0
3
6
9
0
1
10
100
Frequency [MHz]
-130
-110
-90
-70
-50
-30
-10
10
Gain
Phase
Figure 2. Frequency response (Gain
= 6dB)
-12
-9
-6
-3
0
3
6
9
0
1
10
100
Frequency [MHz]
-130
-110
-90
-70
-50
-30
-10
10
Phase
Gain
Figure 3. ICC vs. Ta (no signal input)
20
22
24
26
28
30
-20
0
20
40
60
80
100
Ta [
°C]
3.3V
5.5V
Figure 4. ICC vs. VCC (no signal input)
20
22
24
26
28
30
3
3.5
4
4.5
5
5.5
Vcc [V]
Figure 5. Gain vs. Ta
Ta [
°C]
6
7
-20
0
20
40
60
80
100
-1
0
1
2
3
4
5
6dB
0dB
Figure 6. Gain vs. VCC
33.544.555.5
Vcc [V]
6
7
-1
0
1
2
3
4
5
6dB
0dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com