Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5921AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5921AF
Description  8-channel Lip Sync Delay
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5921AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5921AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SM5921A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O*1
Function
Setting
HIGH
LOW
1
VDD
–
Supply pin
2
WCKI
I
Word clock input
3
BCKI
I
Bit clock input (64fs)
4
DIA
I
Serial data input A
5
DIB
I
Serial data input B
6
DIC
I
Serial data input C
7
DID
I
Serial data input D
8
XCS
I
MCU latch enable input
9
SCLK
I
MCU clock input
10
SI
I
MCU data input
11
SIO
Ot
MCU data output
12
TEST2
Id
Test input pin
Test
13
TEST3
Id
Test input pin
Test
14
DMUTEN
Ip
Direct mute control
Mute
15
RSTN
Ip
Reset input pin
Reset
16
VSS
–
Ground pin
17
VDD
–
Supply pin
18
TEST
Id
Test input pin
Test
19
DOA
Ot
Serial data output A
20
DOB
Ot
Serial data output B
21
DOC
Ot
Serial data output C
22
DOD
Ot
Serial data output D
WPOLN WCKI
Input data interface
BCKI
CKE
CLKO
DQM
BA
DQ0 to DQ15
CSN
A0 to A10
MCU interface
Sequencer block
DIA
DIB
DIC
Arithmetic
operation block
SDRAM interface
Address controller
DID
CASN
RASN
Output data interface
SIO
XCS
SCLK
SI
TEST
TEST2
TEST3
RSTN
WEN
OEN
DMUTEN
DOA
DOB
DOC
DOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com