Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5921AF Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5921AF
Description  8-channel Lip Sync Delay
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5921AF Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5921AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SM5921A
SEIKO NPC CORPORATION —21
REG 6/H
A3
0
Individual delay (DIC left-channel)
A2
1
A1
1
A0
0
D11
×
Minimum unit setting: 1 sample
0000 0000 0000
→ 0 samples (default)
0000 0000 0001
→ 1 samples
0000 0000 1000
→ 8 samples
0000 0001 0000
→ 16 samples
0000 1000 0000
→ 128 samples
0001 0000 0000
→ 256 samples
1000 0000 0000
→ 2048 samples
1111 1111 1111
→ 4095 samples
20.8µs/step @ fs = 48kHz
85.3ms/step @ fs = 48kHz
5.2µs/step @ fs = 192kHz
21.3ms/step @ fs = 192kHz
D10
×
D9
×
D8
×
D7
×
D6
×
D5
×
D4
×
D3
×
D2
×
D1
×
D0
×
REG 7/H
A3
0
Individual delay (DIC right-channel)
A2
1
A1
1
A0
1
D11
×
Minimum unit setting: 1 sample
0000 0000 0000
→ 0 samples (default)
0000 0000 0001
→ 1 samples
0000 0000 1000
→ 8 samples
0000 0001 0000
→ 16 samples
0000 1000 0000
→ 128 samples
0001 0000 0000
→ 256 samples
1000 0000 0000
→ 2048 samples
1111 1111 1111
→ 4095 samples
20.8µs/step @ fs = 48kHz
85.3ms/step @ fs = 48kHz
5.2µs/step @ fs = 192kHz
21.3ms/step @ fs = 192kHz
D10
×
D9
×
D8
×
D7
×
D6
×
D5
×
D4
×
D3
×
D2
×
D1
×
D0
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com