Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6801AB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6801AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name*1
*1. VDDS = VDD1, VDD2, VDDP = VDD3, VDD4, VSS = VSS1, VSS2
I/O*2
*2. Ip = input pin with built-in pull-up resistor
Function
1
DRCN
I
Dynamic range compression mode setting (HIGH: normal operation, LOW: DRC mode)
2
VDD1
–
Supply (input system)
3
VREF1
–
Reference voltage 1 (bias voltage)
4
IN
I
Signal input
5
EQP
I
Equalizer network connection
6
EQN
I
Equalizer network connection
7
VSS1
–
Ground (input system)
8
TESTN
Ip
Test pin (HIGH: normal operation, LOW: test mode)
9
VDD3
I
Supply (OUTN stage)
10
OUTN
O
Speaker minus (–) output
11
VSS2
–
Ground (output stage)
12
OUTP
O
Speaker plus (
+) output
13
VDD4
–
Supply (OUTP stage)
14
PDWN
I
Power-down control (active LOW)
15
VDD2
–
Supply (logic system)
16
MUTEN
I
Mute control (active LOW)
IN
VSS2
VSS1
OUTN
VDD3
VDD1
PWM
Modulator
OSC
EQP
EQN
+
−
MUTE,
POWER DOWN,
PROTECTION
LEVEL
SHIFTER
OUTP
BUFFER
BUFFER
LEVEL
SHIFTER
+
−
BIAS
VREF
VREF1
VDD2
DRCN
PDWN
MUTEN
TESTN
VDD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com