Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6801AB Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 15Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —13
TYPICAL CHARACTERISTICS
Measurement conditions: Refer to “Analog Output Characteristics”.
Measurement circuit: Refer to “Measurement Circuit”.
Input vs. Output
Supply voltage vs. Output power
Input vs. THD + N and output power
-40
+10
-35.833
-31.667
-27.5
-23.333
-19.167
-15
-10.833
-6.667
-2.5
+1.667
+5.833
-40
+5
-35
-30
-25
-20
-15
-10
-5
+0
Input [dBV]
DRC
NORMAL
Supply voltage [V]
1.8
1.5
2.5
3.5
4.5
5.5
34
5
1.2
0.9
0.6
0.3
0
1m
10
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
-25
+5
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
+0
+2.5
Input [dBV]
Output power
THD + N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com