Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121ICT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS3121ICT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121ICT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS3121ICT Datasheet HTML 9Page - STMicroelectronics TS3121ICT Datasheet HTML 10Page - STMicroelectronics TS3121ICT Datasheet HTML 11Page - STMicroelectronics TS3121ICT Datasheet HTML 12Page - STMicroelectronics TS3121ICT Datasheet HTML 13Page - STMicroelectronics TS3121ICT Datasheet HTML 14Page - STMicroelectronics TS3121ICT Datasheet HTML 15Page - STMicroelectronics TS3121ICT Datasheet HTML 16Page - STMicroelectronics TS3121ICT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Figure 22. Input offset voltage drift vs. temperature from
-25 °C to +125 °C
Figure 23. Input offset voltage vs. temperature at
VCC = 1.8 V
-40
-20
0
20
40
60
80
100
120
-10
-8
-6
-4
-2
0
2
4
6
8
10
Temperature (°C)
Limit of TS3121
Vcc = 1.8V, Vicm =Vcc/2
Figure 24. Input offset voltage vs. temperature at
VCC = 5.0 V
-40
-20
0
20
40
60
80
100
120
-10
-8
-6
-4
-2
0
2
4
6
8
10
Temperature (°C)
Vcc = 5V, Vicm =Vcc/2
Limit of TS3121
Figure 25. Input offset voltage distribution at VCC = 1.8 V
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
40
Input offset voltage (mV)
Vio distribution at T = 25°C
Vcc = 1.8V, Vicm = Vcc/2
sample size : 507
TS3121, TS3121A
Typical performance characteristics
DS14484 - Rev 2
page 13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com