Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121AICT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS3121AICT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121AICT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS3121AICT Datasheet HTML 7Page - STMicroelectronics TS3121AICT Datasheet HTML 8Page - STMicroelectronics TS3121AICT Datasheet HTML 9Page - STMicroelectronics TS3121AICT Datasheet HTML 10Page - STMicroelectronics TS3121AICT Datasheet HTML 11Page - STMicroelectronics TS3121AICT Datasheet HTML 12Page - STMicroelectronics TS3121AICT Datasheet HTML 13Page - STMicroelectronics TS3121AICT Datasheet HTML 14Page - STMicroelectronics TS3121AICT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Figure 14. Input bias current vs. supply voltage at
Vicm = VCC/2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
10
15
20
25
30
35
40
45
50
Supply voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vicm = Vcc/2
Vid = 100mV
Figure 15. Input offset voltage vs. input common-mode
voltage at VCC = 1.8 V
0
1
2
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 1.8V
Figure 16. Input offset voltage vs. input common-mode
voltage at VCC = 3.3 V
0
1
2
3
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 3.3V
Figure 17. Input offset voltage vs. input common-mode
voltage at VCC = 5.0 V
0
1
2
3
4
5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 5V
TS3121, TS3121A
Typical performance characteristics
DS14484 - Rev 2
page 11/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com