Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121AICT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS3121AICT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121AICT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS3121AICT Datasheet HTML 18Page - STMicroelectronics TS3121AICT Datasheet HTML 19Page - STMicroelectronics TS3121AICT Datasheet HTML 20Page - STMicroelectronics TS3121AICT Datasheet HTML 21Page - STMicroelectronics TS3121AICT Datasheet HTML 22Page - STMicroelectronics TS3121AICT Datasheet HTML 23Page - STMicroelectronics TS3121AICT Datasheet HTML 24Page - STMicroelectronics TS3121AICT Datasheet HTML 25Page - STMicroelectronics TS3121AICT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Guaranteed turn-on time
The TS3121 is tested in production for a guaranteed start-up time. Once the supply voltage crosses the minimum
value of VCC_min_operating = 1.7 V, the output voltage is settled in a stable condition within a maximum delay of
tturn-on = 15 µs. For low power applications, the supply voltage of the TS3121 can be disconnected when the
device is not in use. During shutdown (VCC = 0 V), because of its fail-safe structure, the input and output pins can
stay biased. In applications with switched Vcc, care should be taken to keep the Vcc ramp-up below 0.5 V/µs to
prevent false triggering of the integrated ESD protection circuit.
Figure 50. Turn-on timing diagram
VID
VCC
VOUT
1.5 V
turn-on time (tturn-on)
VOL
0V
-100mV
VCC_operating
VOH
0V
XXXX
50 %
Propagation delay
There is a delay between when the input crosses the reference voltage and the output responds. This is called
the propagation delay. Propagation delay can be different between high-to-low and low-to-high input transitions.
This is shown as tPLH and tPHL in Figure 51 and is measured from the mid-point of the input to the midpoint of the
output. Note that for open-drain comparators, the output rise time trise and tPLH strongly depend on the pull-up
circuit connected to the output pin.
Figure 51. Propagation delay
VIN :
Vref
Vref - 100mV
Vref + 100mV
VOUT :
VOL
VOH
tPLH
tPHL
trise
90%
10%
10%
90%
tfall
+
–
V+
V-
VIN
Vref
VOUT
50%
50%
TS3121, TS3121A
Application information
DS14484 - Rev 2
page 22/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com