Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8135AB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8135AB
Description  White LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8135AB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8135AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SM8135A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
C2M
–
Charge pump boost capacitor connection 2M
2
PGND
–
Charge pump ground
3
C1P
–
Charge pump boost capacitor connection 1P
4
C1M
–
Charge pump boost capacitor connection 1M
5
VIN
–
Supply voltage input
6
GND
–
Ground
7
EN
I
Enable/PWM dimming pulse input (High active)
8
ISET
I
LED drive current setting resistor connection
9
DIN4
O
LED drive current control output 4 (connect to ground when not used)
10
DIN3
O
LED drive current control output 3 (connect to ground when not used)
11
NC
–
No connection (leave open circuit for normal operation)
12
GND
–
Ground
13
DIN2
O
LED drive current control output 2 (connect to ground when not used)
14
DIN1
O
LED drive current control output 1 (connect to ground when not used)
15
VOUT
O
LED drive voltage output
16
C2P
–
Charge pump boost capacitor connection 2P
VIN
EN
Control
logic
TSD
Current
control
&
Current
detect
Mode control
&
Output voltage control
&
Protection
C1P
C1M
C2P
C2M
VOUT
DIN1
DIN2
DIN3
ISET
DIN4
GND
GND
Charge pump
NC
(open at any time)
1/ 1.5/ 2
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com