Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8135AB Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8135AB
Description  White LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8135AB Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8135AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8135AB Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SM8135A
SEIKO NPC CORPORATION —13
The mode reset operation when in
×2.0 mode performs boost mode switching between ×2.0 mode and ×1.5
mode. Mode switching directly from
×2.0 mode to ×1.0 mode does not occur.
(1) Mode switches from
×2.0 to ×1.5 mode on the rising edge of the mode reset signal.
(2) A 200
µs (max) mode hold time begins after switching to ×1.5 mode. LED drive current insufficient state is
detected but the mode is not switched during this interval.
(3) LED drive current insufficient signal is ignored during the mode hold time, but normal mode switching
operation resumes when the mode hold time elapses.
The mode reset function periodically tests the boost mode to try to maximize the duration of operation in the
higher efficiency
×1.0 and ×1.5 modes in order to extend battery drive time.
Thermal Shutdown Circuit (Overtemperature Protection Circuit)
The SM8135A features a thermal shutdown circuit that operates whenever the IC temperature exceeds approx-
imately 170
°C for whatever reason, stopping the VOUT output. VOUT output recommences when the IC temper-
ature falls below approximately 150°C.
Switching from
×2.0 mode to ×1.5 mode due to mode reset signal
Mode hold
(L: hold)
VOUT output voltage
ILED detector
Mode reset
1.0sec/cycle
min 80
µs
max 200
µs
ILED detector
ignore
4.9V
VOUT mode
2.0 mode
1.5 mode
2.0 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com