Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8143AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8143AV
Description  EL Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8143AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8143AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM8143A
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
− 0.3 to 7.0
V
Input voltage range
VIN
All input pins
VSS − 0.3 to VDD + 0.3
V
Output voltage
VCHV
CHV pin
0.5 to 120
V
VLDR
LDR pin
0.5 to 120
V
VOUT1/2
OUT1, OUT2 pin
0.5 to 120
V
Power dissipation
PD
SM8143AV (VSOP-16)
Ta
≤ 70°C
200
mW
Ta
≤ 85°C
140
mW
SM8143AD (SON-10)
Ta
≤ 70°C
140
mW
Ta
≤ 85°C
100
mW
Storage temperature range
TSTG
− 55 to 125
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage range
VDD2
1.6
3.0
5.5
V
Operating temperature
TOPR
− 40
–
85
°C
Operating current1
1. Max value is as same as Absolute Maximum Ratings.
IDD2
SM8143AV
(VSOP-16)
Including coil
current
VDD = 3V
Ta
≤ 70°C
–
–
150
mA
Ta
≤ 85°C
–
–
105
mA
VDD = 5V
Ta
≤ 70°C
–
–
100
mA
Ta
≤ 85°C–
–
70
mA
SM8143AD
(SON-10)
Including coil
current
VDD = 3V
Ta
≤ 70°C
–
–
100
mA
Ta
≤ 85°C–
–
70
mA
VDD = 5V
Ta
≤ 70°C–
–
60
mA
Ta
≤ 85°C–
–
42
mA
Coil inductance
LLDR
fLDR = 64kHz
–
0.47
–
mH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com