Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8143AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8143AV
Description  EL Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8143AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM8143AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM8143A
SEIKO NPC CORPORATION —6
TYPICAL APPLICATIONS
I
EL sheet size: 20 to 30cm2, Current consumption: 20mA
I
EL sheet size: 30 to 50cm2, Current consumption: 40mA
I
EL sheet size: 50 to 100cm2, Current consumption: 80mA
Note: Do not operate the SM8143A with the EL sheet NOT connected (no load to OUT1/OUT2) since the IC will be damaged.
NC
VDD
NC
470
µH
180k
Ω
EL sheet
0.1
µF
100V
3.0V
CHV
NC
LDR
NC
VSS
NC
OCL
OUT1
NC
OUT2
NC
ENA
OCE
0.01
µF
180k
Ω
Diode: TOSHIBA 1SS403
Coil: MURATA LQH43MN471J03
470
µH
180k
Ω
0.1
µF
100V
3.0V
0.01
µF
EL sheet
NC
VDD
NC
CHV
NC
LDR
NC
VSS
NC
OCL
OUT1
NC
OUT2
NC
ENA
OCE
360k
Ω
Diode: TOSHIBA 1SS403
Coil: MURATA LQH43MN471J03
330
µH
180k
Ω
0.1
µF
100V
3.0V
0.01
µF
EL sheet
NC
VDD
NC
CHV
NC
LDR
NC
VSS
NC
OCL
OUT1
NC
OUT2
NC
ENA
OCE
510k
Ω
Diode: TOSHIBA 1SS403
Coil: TOKO D73LC (817CE331M)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com