Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDP
Description  Percentage Timer Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDP Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDP Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Percentage Timer Relay Output
OPERATION
When voltage is applied to the input, the internal relay energizes and
the ON time(T1) begins. Upon completion of the ON time, the relay
de-energizes and the OFF time (T2) begins. At the completion of the
OFF time, one ON/OFF cycle is completed. This cycling action continues
until voltage is removed from the input. The ON/OFF ratio is adjustable
from 0 to 100 percent of time base. 0% is OFF; 100% is ON. Reset is
accomplished by interrupting the input voltage.
DIMENSIONS (INCHES)
1
2
3
4
6
7
9
8
5
A
B
5
4
3
2
1
8
7
6
+
–
+
–
SUPPLY
DPDT Octal Plug-in
DPDT Blade Plug-in
RB-08/PF083A
70-463-1
WIRING
SUPPLY
VOLTAGE
OUTPUT
CONTROL
SWITCH
75%
TIME BASE
Example shows 25% setting.
T1
T2
25%
SPECIFICATIONS
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive
TIME BASE
±10%
TOLERANCES
REPEATABILITY
0.5% typical
ADJUSTABILITY
0 to 100% of time base
TIME BASE
See ordering information
SUPPLY
24 or 120 VAC or VDC,50/60 Hz;±10%
VOLTAGE
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
2 watts (approximately)
CONSUMPTION
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
5.6 oz.
MODEL NUMBER
TDP
A
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
ENCLOSURE STYLE
8-pin octal plug-in
A
Blade plug-in
B
TIME BASE
60 sec
060
300 sec
300
600 sec
600
900 sec
900
30 min
30m
60 min
60m
Example: TDP-120-AKA-300—Percentage on/off, 120 Volts AC
or DC, knob adjustable, time range from 3 to 300 seconds, 8-pin
octal plug-in.
MODEL NUMBER
E55826
2.375”
Octal Pin Plug-in
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
Relay Timer
logo
List of Unclassifed Man...
CT2A ETC-CT2A Datasheet
348Kb / 1P
Electronic timer relay
logo
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
Star/delta timer relay
logo
Crydom Inc.,
DRTX24D06X CRYDOM-DRTX24D06X_17 Datasheet
1Mb / 7P
Soild State Relay Timer
logo
Pepperl+Fuchs Inc.
KFA5-DU-EX1.D PF-KFA5-DU-EX1.D Datasheet
1Mb / 5P
Switch Amplifier, Timer Relay
KFA6-DU-EX1.D PF-KFA6-DU-EX1.D Datasheet
857Kb / 5P
Switch Amplifier, Timer Relay
KFD2-DU-EX1.D PF-KFD2-DU-EX1.D Datasheet
986Kb / 5P
Switch Amplifier, Timer Relay
KFU8-SR-1.3L.V PF-KFU8-SR-1.3L.V Datasheet
1Mb / 7P
Switch Amplifier, Timer Relay
2021-12-20
logo
Littelfuse
KRPD LITTELFUSE-KRPD Datasheet
537Kb / 2P
Relay Output Timer
2016 Rev: 1-A-062116
PTHF4900DK LITTELFUSE-PTHF4900DK Datasheet
461Kb / 2P
Dedicated - Percentage
2016 Rev: 1-A-062216
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com