Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EVT233 Datasheet(PDF) 3 Page - Littelfuse

Part # LS0504EVT233
Description  5V, 4A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EVT233 Datasheet(HTML) 3 Page - Littelfuse

  LS0504EVT233 Datasheet HTML 1Page - Littelfuse LS0504EVT233 Datasheet HTML 2Page - Littelfuse LS0504EVT233 Datasheet HTML 3Page - Littelfuse LS0504EVT233 Datasheet HTML 4Page - Littelfuse LS0504EVT233 Datasheet HTML 5Page - Littelfuse LS0504EVT233 Datasheet HTML 6Page - Littelfuse LS0504EVT233 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Over Voltage Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/13/24
LS0504EVT233
5V, 4A eFuse with Over Voltage and Over Current Protection
3
Quiescent Current vs. Input Voltage
2.5 3.0
3.5 4.0 4.5 5.0 5.5 6.0 6.5
260
200
220
240
180
120
140
160
Input Voltage (V)
V
IN On (5VIN , IO=0A)
V
IN Off (5VIN , IO=0A)
VIN
2V/div
IIN
1A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=0A
VIN
2V/div
IIN
1A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=0A
V
IN On (5Vin, IO=3A)
V
IN Off (5Vin, IO=3A)
VIN
2V/div
IIN
2A/div
VOUT
2V/div
10ms/div
VIN=5V
VOUT=5V
IOUT=3A
VIN
2V/div
IIN
2A/div
VOUT
2V/div
4ms/div
VIN=5V
VOUT=5V
IOUT=3A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com