Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EVT233 Datasheet(PDF) 5 Page - Littelfuse

Part # LS0504EVT233
Description  5V, 4A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EVT233 Datasheet(HTML) 5 Page - Littelfuse

  LS0504EVT233 Datasheet HTML 1Page - Littelfuse LS0504EVT233 Datasheet HTML 2Page - Littelfuse LS0504EVT233 Datasheet HTML 3Page - Littelfuse LS0504EVT233 Datasheet HTML 4Page - Littelfuse LS0504EVT233 Datasheet HTML 5Page - Littelfuse LS0504EVT233 Datasheet HTML 6Page - Littelfuse LS0504EVT233 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Over Voltage Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/13/24
LS0504EVT233
5V, 4A eFuse with Over Voltage and Over Current Protection
5
Detailed Description
The LS0504EVT233 is a fully integrated load switch with built-in over-voltage protection, internal soft-start, and current limit. When the
input voltage is within the valid range (2.7V ~28V), the output pin OUT will ramp up with a fixed slew rate defined by an internal soft start.
After OUT ramps up to the input level, the internal load switch is fully turned on and ready to supply power to the system. LS0504EVT233
continuously monitors the system load current through the switch when powering on. Once the load current reaches the current limit,
LS0504EVT233 will regulate the load current for 60µs to prevent the load current from running away. After 60µs, if the current limit
condition sustains, LS0504EVT233 will turn off the load switch, wait for 8ms and then try to restart. In the event of system short circuit
failure, the load current could jump significantly higher than the current limit. Whenever the load current is 2A larger than the current limit
level, LS0504EVT233 immediately turns off the load switch to prevent a disastrous outcome, then also for 8ms before it tries to restart.
LS0504EVT233 has an internal input OVP to protect the system from being stressed by excessively high voltage. Once it detects input
voltage is higher than the built-in over-voltage threshold, LS0504EVT233 immediately turns off the load switch. The load switch will be
automatically turned on once the input voltage falls within the valid range. The LS0504EVT233 also has thermal shutdown protection;
when device temperature (T
J) exceeds TSHDN, typically 160°C, the thermal shutdown circuitry will shut down the internal MOSFET, thereby
disconnecting the load from the input supply. The LS0504EVT233 will remain off during a cooling period until the device temperature falls
below T
SHDN - 40°C, after which it will attempt to restart.
Input and Output Capacitor Selection
The LS0504EVT233 require ≥1μF input and output capacitor connected to GND. X7R type capacitors are recommended, but X5R and
others may be used.
PCB Layout Guideline
■ For all applications, a 0.1µF or greater ceramic decoupling capacitor is recommended between IN terminal and GND, and a 0.1µF or
greater ceramic decoupling capacitor is recommended between OUT terminal and GDN. For hot-plug applications, where input power path
inductance is negligible, this capacitor can be eliminated/minimized.
■ The optimum placement of decoupling capacitor is closest to the IN and GND terminals of the device. Care must be taken to minimize the
loop area formed by the bypass-capacitor connection, the IN terminal, and the GND terminal of the IC.
■ High current carrying power path connections should be as short as possible and should be sized to carry at least twice the full-load
current.
■ The GND terminal must be tied to the PCB ground plane at the terminal of the IC. The PCB ground should be a copper plane or island on
the board.
■ Obtaining acceptable performance with alternate layout schemes is possible; however, this layout has been shown to produce good results
and is intended as a guideline.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com