Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBW.3K.93C.TLE Datasheet(PDF) 1 Page - LEMO Connectors

Part # EBW.3K.93C.TLE
Description  3K.93C.Y - SMPTE Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EBW.3K.93C.TLE Datasheet(HTML) 1 Page - LEMO Connectors

  EBW.3K.93C.TLE Datasheet HTML 1Page - LEMO Connectors EBW.3K.93C.TLE Datasheet HTML 2Page - LEMO Connectors EBW.3K.93C.TLE Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.lemo.com/int_en/solutions/specialties/3k-93c-y-smpte-hybrid/ebw-3k-93c-tle.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
EBW.3K.93C.TLE
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
2
Number of contacts High Voltage
2
Nb of contacts Fiber optic
2
Wire Size/AWG
24 - 20
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Push-pull
Size
3K
Suggested matching part
FXW.3K.93C.TLE
Series
3K.93C.Y - SMPTE Hybrid


Similar Part No. - EBW.3K.93C.TLE

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
EBW.3K.93C.TLZ LEMO-EBW.3K.93C.TLZ Datasheet
79Kb / 3P
3K.93C.Y - SMPTE Hybrid
More results

Similar Description - EBW.3K.93C.TLE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
SMPTE HOTLink??Transmitter/Receiver
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
Glenair, Inc.
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
SMPTE HD-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
SMPTE 3G-SDI
050-207 GLENAIR-050-207 Datasheet
713Kb / 13P
4 Channel SMPTE
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
SMPTE Coaxial Cable Interface
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
PHOENIX CONTACT
1004490 PHOENIX-1004490 Datasheet
51Kb / 2P
Warning label - WS-3K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com