Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBW.3K.93C.TLE Datasheet(PDF) 3 Page - LEMO Connectors

Part # EBW.3K.93C.TLE
Description  3K.93C.Y - SMPTE Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EBW.3K.93C.TLE Datasheet(HTML) 3 Page - LEMO Connectors

  EBW.3K.93C.TLE Datasheet HTML 1Page - LEMO Connectors EBW.3K.93C.TLE Datasheet HTML 2Page - LEMO Connectors EBW.3K.93C.TLE Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/solutions/specialties/3k-93c-y-smpte-hybrid/ebw-3k-93c-tle.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Environmental sealing (IP rating)
IP68
Endurance
20000 mating cycles
Temperature range
-40°C / +80°C
Climatical Category
50/175/21
Humidity (max)
<=95% [at 60 deg C /140 F]
Shielding (min)
95 dB (10 MHz)
Shielding (min)
80 dB (1 GHz)
Shock Resistance
100 g [ 6 ms]
Vibration
15 g [10 Hz - 2000 Hz]
Drawings
Dimensions
F
A
M
H
L
G
mm.
3
29
6
23
42.5
3.5
in.
0.12
1.14
0.24
0.91
1.67
0.14
Recommended By Lemo
Accessories
Replacement contact
FGG.3B.560.ZZC
Compatible cap
BRR.3K.200.PZSG
Tools
Fiber Tool
WST.KI.125.34
Fiber Tool 2
DCB.91.119.0TN
Positionner
DCE.91.093.BVC
Positionner 2
DCE.91.133.BVCW
Extraction tool
DCC.09.05B.LAG
Extraction tool 2
DCC.13.15B.LAG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com