Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHAS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5010FHAS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHAS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5010FHAS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —8
Electrical Characteristics
5010AN
×, BN×, DN× series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted.
5010AN
×, AK×, BN×, BK×, DN× series
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA
2.1
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.6V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 30MHz
5010
×N1
–
5
10
mA
5010
×N2
–
3.5
7
5010
×N3
–
2.5
5
5010
×N4
–24
5010
×N5
–24
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Ω
Oscillator amplifier output
resistance
RD
Design value
5010B
××
690
820
940
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010A
××
26
29
32
pF
5010B
××
20
22
24
CD
5010A
××
26
29
32
5010B
××
20
22
24
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 50pF, f = 30MHz
5010
×N1
–
15
30
mA
5010
×N2
–
9
18
5010
×N3
–
6
12
5010
×N4
–
5
10
5010
×N5
–
5
10
Measurement cct 3, load cct 2,
INHN = open, CL = 15pF, f = 30MHz
5010
×K1
–
10
20
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Ω
Oscillator amplifier output
resistance
RD
Design value
5010B
××
690
820
940
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010A
××
26
29
32
pF
5010B
××
20
22
24
CD
5010A
××
26
29
32
5010B
××
20
22
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com