Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHAS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5010FHAS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHAS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5010FHAS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHAS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The SM5010 series are crystal oscillator module ICs. They incorporate oscillator and output buffer circuits,
employing built-in oscillator capacitors and feedback resistors with excellent frequency response, eliminating the
need for external components to form a stable crystal oscillator. There are 7 oscillator configurations available for
design and application optimization.
FEATURES
I 7 types of oscillation circuit structure
For fundamental oscillator
• 5010A
×× :Simple structure with low frequency vari-
ation
• 5010B
×× :Low crystal current type with RD built-in
oscillation circuit
• 5010CL
× :Oscillation stop function built-in
• 5010DN
×:External capacitors, CG and CD required
• 5010EA
× :Low current consumption type
For 3rd overtone oscillator
• 5010F
×× :Suitable for round blank
• 5010H
×× :External resistor, Rf required
I 2.7 to 5.5V operating supply voltage
I Capacitors CG, CD built-in
I Inverter amplifier feedback resistor built-in
I Output duty level
• TTL level: AK
×, BK×, HK×
• CMOS level: AN
×, AH×, BN×, BH×, CL×, DN×,
EA
×, FN×, FH×, HN×
I Oscillator frequency output (fO, fO/2, fO/4, fO/8, fO/16
determined by internal connection)
I Standby function
I Pull-up resistor built-in
I 8-pin SOP (SM5010
×××S)
I Chip form (CF5010
×××)
SERIES CONFIGURATION
For Fundamental Oscillator
Version1
Operating
supply
voltage range
[V]
Built-in
capacitance
RD
[
Ω]
Output
current
(VDD = 5V)
[mA]
Output duty
level
Output
frequency
INHN input
level
(VDD = 5V)
Standby mode
CG
[pF]
CD
[pF]
Oscillator
stop function
Output state
CF5010AN1
2.7 to 5.5
29
29
–
16
CMOS
fO
TTL
No
High impedance
CF5010AN2
CMOS/TTL
fO/2
CF5010AN3
fO/4
CF5010AN4
fO/8
CF5010AK1
4.5 to 5.5
29
29
–
16
TTL
fO
TTL
No
High impedance
CF5010AH1
2.7 to 5.5
29
29
–
4
CMOS
fO
TTL
No
High impedance
CF5010AH2
fO/2
CF5010AH3
fO/4
CF5010AH4
fO/8
CF5010BN1
2.7 to 5.5
22
22
820
16
CMOS
fO
TTL
No
High impedance
CF5010BN2
CMOS/TTL
fO/2
CF5010BN3
fO/4
CF5010BN4
fO/8
CF5010BN5
fO/16
CF5010BK1
4.5 to 5.5
22
22
820
16
TTL
fO
TTL
No
High impedance
CF5010BH1
2.7 to 5.5
22
22
820
4
CMOS
fO
TTL
No
High impedance
CF5010BH2
fO/2
CF5010BH3
fO/4
CF5010BH4
fO/8
CF5010CL1
2.7 to 5.5
18
18
–
16
CMOS
fO
CMOS
Yes
High impedance
CF5010CL2
fO/2
CF5010CL3
fO/4
CF5010CL4
fO/8
CF5010CL5
fO/16
CF5010DN1
2.7 to 5.5
–
–
820
16
CMOS
fO
TTL
No
High impedance
CF5010EA1
2.7 to 5.5
10
15
820
4
CMOS
fO
TTL
Yes
LOW
CF5010EA2
fO/2
1. Package devices have designation SM5010
×××S.


Similar Part No. - SM5010FHAS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH2S NPC-SM5010AH2S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH3S NPC-SM5010AH3S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH4S NPC-SM5010AH4S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
More results

Similar Description - SM5010FHAS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com