Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 3 Page - NEC

Part # UPD3753
Description  2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 3 Page - NEC

  UPD3753 Datasheet HTML 1Page - NEC UPD3753 Datasheet HTML 2Page - NEC UPD3753 Datasheet HTML 3Page - NEC UPD3753 Datasheet HTML 4Page - NEC UPD3753 Datasheet HTML 5Page - NEC UPD3753 Datasheet HTML 6Page - NEC UPD3753 Datasheet HTML 7Page - NEC UPD3753 Datasheet HTML 8Page - NEC UPD3753 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet S16546EJ2V0DS
3
µ PD3753
PIN CONFIGURATION (Top View)
CCD linear image sensor 22-pin plastic DIP (10.16 mm (400))
•
µ PD3753CY-A
AGND
122
221
320
419
518
617
716
815
914
10
13
11
12
No connection
No connection
Output
Shift register clock 1
No connection
No connection
No connection
No connection
No connection
No connection
Transfer gate clock
No connection
NC
Output drain voltage
VOD
NC
No connection
NC
No connection
NC
NC
NC
No connection
NC
NC
No connection
NC
TG
NC
NC
No connection
NC
NC
Digital ground
No connection
NC
DGND
VOUT
NC
Analog ground
φ
1
φ
Shift register clock 2
2
φ
Caution Connect the No connection pins (NC) to GND.
PHOTOCELL STRUCTURE DIAGRAM
µm
2
µm
12
Channel stopper
Aluminum
shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com