Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3753 Datasheet(PDF) 13 Page - NEC

Part # UPD3753
Description  2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3753 Datasheet(HTML) 13 Page - NEC

Back Button UPD3753 Datasheet HTML 9Page - NEC UPD3753 Datasheet HTML 10Page - NEC UPD3753 Datasheet HTML 11Page - NEC UPD3753 Datasheet HTML 12Page - NEC UPD3753 Datasheet HTML 13Page - NEC UPD3753 Datasheet HTML 14Page - NEC UPD3753 Datasheet HTML 15Page - NEC UPD3753 Datasheet HTML 16Page - NEC UPD3753 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet S16546EJ2V0DS
13
µ PD3753
PACKAGE DRAWING
CCD LINEAR IMAGE SENSOR 22-PIN PLASTIC DIP (10.16 mm (400) )
PD3753CY
44.0
±0.3
37.5
1st valid pixel
1.7
±0.3
1
9.25
±0.3
2.0
0.25
±0.05
10.16
±0.2
0.46
±0.1
2.54
±0.25
1.02
±0.15
(5.42)
4.21
±0.5
4.39
±0.4
12
11
2.35
±0.2 3
(1.99)
2
Name
Dimensions
Refractive index
Plastic cap
42.9
×8.35×0.7
1.5
1 1st valid pixel
The center of the pin1
2 The surface of the CCD chip
The top of the cap
3 The bottom of the package
The surface of the CCD chip
22C-1CCD-PKG15-1
(Unit : mm)
1
22
10.16 +
0.7
−0.2
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com