Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 355C
Description  Shawnee II Digital Reset Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

355C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  355C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 355C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 355C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
105
Automatic Timing & Controls
800.727.5646
atcdiversified.com
OPERATION
The Shawnee 355 operates on a digital logic circuit with three main
elements: a clock which uses utility line frequency of 50 or 60 Hz
as its time base; a read-only-memory (ROM) whose output is set
by the timer's digital setting number wheels; and a comparator that
continuously examines the outputs of the clock and ROM.
When power is applied (start signal on), two things happen
simultaneously; the instantaneous DPDT relay is energized
transferring both sets of contact, and the clock circuit begins to
count each cycle of the utility line frequency. Translating this count
into hundredths of a second, the clock accumulates it and feeds it
continuously to the comparator. When clock output exactly equals the
output of the ROM, the comparator causes the 355C to time out.
At this point, (1) the DPDT delay relay is energized, immediately
transferring both sets of contacts and (2) the clock turns itself off
automatically. Since the clock stops counting even if the start signal
remains on, it is not necessary to tie up one of the 355C's delayed
contacts to do this job.
To reset the Shawnee 355, power must be removed from terminal 1
(L1) for 75 milliseconds or more. The 355 operates in the On-Delay
mode only, always resetting whenever there is a power outage and
starting a new cycle when power is restored.
CYCLE PROGRESS INDICATION: When the timer is in the reset
condition, the LED display is blank. During the timing cycle, the
display counts up from zero, thus always indicating the amount of
time that has elapsed since the start of cycle. At time-out, the display
shows total elapsed time and exactly equals the numbers on the
digital setting wheels.
SPECIFICATIONS
RANGES
0.01 - 99.99 SEC
0.01 - 99.99 MIN
0.1 - 999.9 SEC
0.1 - 999.9 MIN
Four field-convertible ranges
TIMING
Single Cycle
interval or delay
MODES
Repeat Cycle
pulse (fixed at approx.
50 mSEC)
CYCLE
4 digit, 0.3 inch, high intensity, blue display
PROGRESS
INDICATOR
REPEAT
±0.01 SEC on all ranges
ACCURACY
RESET TIME
75 milliseconds
MINIMUM
99.99 SEC of MIN ranges: 0.01 SEC or MIN,
SETTING
respectively
999.9 SEC or MIN ranges: 0.1 SEC or MIN,
respectively
LOAD
Number
two, one instantaneous and
RELAYS
one delayed; both plug-in DPDT
Operate Time 20 mSEC, max.
Release Time instantaneous — 20 mSEC,
max. delayed — 75 mSEC, max.
Contact Rating 5A @ 120 VAC Resistive,
5A, 30 VDC Resistive
Life
100 million operations (no load)
TEMPERATURE
32° to 140°F (0 to 60°C)
RATING
POWER
120V
95-132V at 50 or 60 Hz
REQUIREMENTS
inrush — 0.2 A
running — 0.04 A
240V
190-264V AT 50 OR 60 Hz
inrush — 0.1 A
running — 0.02 A
Clock Input
Voltage
95-132V rms (120V Model)
190-264V rms (240V Model)
Current
20 mA max.
Frequency 0 to 1000 Hz (sinusoidal)
TERMINALS
16 screw terminals accessible at rear; integral
wiring diagram on housing
HOUSING
Plug-in design; completely gasketed, dust-tight
when panel-mounted
MOUNTING
Standard Hardware is provided to mount
ACCESSORIES
timer so that it is dust-tight from
See Accessory
front of panel
section of
Optional Surface mounting without and with
catalog
front-facing terminals)
WEIGHT
NET: 1 lb., 7 oz. SHIPPING: 2 lbs
Switching Sequence: Assumes a
sustained closed start signal
(i.e. longer than the setting on
the digital display.)
RELAY
CONTACTS
Before
During
End of
Start
Timing
Cycle
Instantaneous 14-9/6-8
14-10/6-7
Delayed
11-12/4-5
11-13/4-3
BLACK-Circuit Closed
GRAY-Circuit Open
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com