Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355C Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 355C
Description  Shawnee II Digital Reset Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

355C Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  355C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 355C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 355C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
104
Shawnee II Digital Reset Timer
A compact version of the 335 Timer, the ATC 355 is its exact func-
tional duplicate, packaged in a 72mm2 DIN-Size housing, it occupies
40% less panel space and costs proportionately less. Modern
production and assembly techniques have all but eliminated hand
wiring, enhancing the reliability and life expectancy of the 355.
COMPUTER TESTED RELIABILITY: The Solid-State 355 is manufac-
tured from a series of computer-tested plug-in circuit boards and
assembled virtually without hand wiring. Because it has no moving
parts in its logic circuits, its life expectancy is practically unlimited.
Even the load relay — the 355’s only significant mechanical compo-
nent — has a life expectancy of 100,000,000 operations (no load).
As a result, the 355 achieves an overall reliability that surpasses
even the high level achieved by previous Shawnee timers.
CYCLE PROGRESS INDICATION: The Shawnee indicating timer
provides cycle progress indication on a four-digit display located
immediately above the digital setting number wheels.
PLUG-IN AND DUST-TIGHT: All 355 timers feature true plug-in de-
sign and can be replaced in seconds without disturbing the housing
or disconnecting the wiring. The dial assembly is gasketed so that
the timer body is dust-tight from the front of panel.
WIDE RANGE: Each Shawnee 355 timer covers the overall span of
0.01 SEC to 999.9 MIN in two field-convertible ranges. The 355
indicating timer also offers two additional field-convertible ranges of
0.1-999.9 SEC or MIN
EASY TO SET AT ALL TIMES: The Shawnee timer is easily and ac-
curately set even with work gloves on. Push any of its four toggle
levers in any sequence until the number you want appears above
it. You can decrease as well as increase each number by pushing
the levers up or down. You can change the setting at any time, even
during a cycle.
SAVE 40% IN PANEL SPACE AND COST: Packaged in a 72mm2 DIN-
size housing, the 355 occupies 40% less panel space than previ-
ous IC timers. Modern production and assembly techniques have
substantially reduced manufacturing costs and resulted in a 45%
cost saving.
OUTSTANDING REPEAT ACCURACY: Unsurpassed among industrial
timers regardless of cost, the Shawnee has a repeat accuracy of
±10 milliseconds on any setting within its overall range of 999.9
MIN, even in the face of wide swings in temperature or voltage and
regardless of the amount of reset time between cycles.
NOISE IMMUNITY: The 355 does not have to be shielded: its trans-
former power supply, full-wave bridges, buffered logic and other
design characteristics render it immune to the electrical noise that is
encountered in typical industrial environments
MODEL NUMBER
MODEL NUMBER
355C
30 P
RANGE
999.9 SEC
346
999.9 MIN
347
99.99 SEC
351
99.99 MIN
352
Special
000
VOLTAGE & FREQUENCY
120/60
A
240/60
B
120/50
C
240/50
D
ARRANGEMENT
With Display (On Delay)
30
FEATURES
Basic plug-in unit
P
Standard unit
X
Special
K
ACCESSORIES:
Surface mounting bracket kit
353-260-27-00
Retrofit kit
305-265-61-70
The 355C Directly
Replaces 355B & 355A
Functional Replacement
for the 335 Timer
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 355C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
logo
Magnetrol International...
355 MAGNETROL-355 Datasheet
679Kb / 6P
Introducing Full-featured Level Transmitters with a User-friendly Price Point.
logo
Witten Company, Inc.
355 WITTEN-355 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
logo
Fluke Corporation
355 FLUKE-355 Datasheet
485Kb / 3P
True-rms 2000 A Clamp Meters
logo
EDAC, All Rights Reserv...
355 EDAC-355 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Similar Description - 355C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
logo
Omron Electronics LLC
H5CL OMRON-H5CL Datasheet
158Kb / 12P
Digital Timer
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
Reset Timer with Configurable Delay
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
Reset Timer with Fixed Delay and Reset Pulse
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
Reset Timer with Delay Time
logo
List of Unclassifed Man...
HP56A6 ETC2-HP56A6 Datasheet
69Kb / 2P
HP5 CYCL-FLEX짰 Reset Timer
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
Reset Timer with Delay Time
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com