Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSB
Description  Interval Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSB Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSB Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Interval Solid-State Output
OPERATION
WIRING
DIMENSIONS (INCHES)
When voltage is applied to the input terminals, the load energizes and
the time delay begins. Upon completion of the delay period, the load
de-energizes. Reset during or after the delay period is accomplished by
removal of the input voltage. The Series TSB is a three input terminal
device.
SPECIFICATIONS
MODEL NUMBER
MODEL NUMBER
TSB
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed (Factory Preset)
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
Screwdriver Adjustable (Not available with 240V)
S
DELAY PERIOD
See page 82 for standard ranges available
Example: TSB-120-ARC-100—Interval on operate, 120 Volts AC,
external resistor adjustable from 1 to 100 seconds.
Note: *The TSB series is only UL recognized in the 120 VAC model.
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24 to 240 ±10% VAC, 50/60 Hz
FALSE TRANSFER No
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
E55826
120 VAC only
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Thinki Semiconductor Co...
TSB01H12 THINKISEMI-TSB01H12 Datasheet
1Mb / 5P
100V,118A N-Channel Trench Process Power MOSFETs
TSB01H12 THINKISEMI-TSB01H12 Datasheet
1Mb / 6P
100V,118A N-Channel Trench Process Power MOSFETs
TSB01H17 THINKISEMI-TSB01H17 Datasheet
2Mb / 6P
100V,168A N-Channel Trench Process Power MOSFETs
TSB01H18 THINKISEMI-TSB01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
More results

Similar Description - TSB

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
MOSFET Output Solid State Relay
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com