Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSL
Description  Flasher Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSL Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSL Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
99
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Flasher Solid-State Output
OPERATION
When power is applied, the OFF time begins. Upon completion of the
OFF time, the load energizes and the ON time begins. Upon completion
of the ON time, the load de-energizes and one cycle is complete. This
OFF/ON cycling continues until the voltage is removed. THE OFF TIME
ALWAYS EQUALS THE ON TIME.
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T1
T2
T1
T2
T2
T2
WIRING
DIMENSIONS (INCHES)
SPECIFICATIONS
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
SUPPLY VOLTAGE 24 or 120 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
LOAD TYPE
Resistive or incandescent only
FLASH RATE
Factory preset (fixed) or external resistor
adjustable from 10 to 100 flashes per minute.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
MODEL NUMBER
MODEL NUMBER
TSL
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
FLASH RATE
75 per Minute
75
90 per Minute
90
100 to 100 Adjustable
100*
Note: * The flash rate “100” option is only available in the “R” type of
operation option.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSL TDK-TSL Datasheet
38Kb / 2P
Inductors For Power Line Radial Televisions, VCRs, personal computers
logo
KOA Speer Electronics, ...
TSL KOA-TSL Datasheet
453Kb / 3P
surface mount molded current sense resistors
logo
Suntan Capacitors
TSL-0603UB000MTH SUNTAN-TSL-0603UB000MTH Datasheet
477Kb / 3P
Reflow Solderable
TSL-0603UG000MTH SUNTAN-TSL-0603UG000MTH Datasheet
478Kb / 3P
Reflow Solderable
TSL-0603UR000MTH SUNTAN-TSL-0603UR000MTH Datasheet
485Kb / 3P
Meterial: Red-AIGaInP (Water Clear)
More results

Similar Description - TSL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
Solid State Relay for Automotive Flasher Applications
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
Freescale Semiconductor...
33288 FREESCALE-33288 Datasheet
315Kb / 15P
Solid State Relay for Automotive Flasher Applications
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Unisonic Technologies
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com