Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8049S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems MP8049S Datasheet HTML 10Page - Monolithic Power Systems MP8049S Datasheet HTML 11Page - Monolithic Power Systems MP8049S Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
MP8049S Rev. 1.01
www.MonolithicPower.com
11
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BLOCK DIAGRAM
HIGH-SIDE
DRIVER
LOW -SIDE
DRIVER
HIGH-SIDE
DRIVER
LOW-SIDE
DRIVER
REGULATOR
THERMAL
SHUTDOWN
FAULT
HANDLING
AND
CONTROL
OVER
CURRENT
SENSE
OVER
CURRENT
SENSE
LOGIC
CONTROL
VDR1
VSP1
AGND
PWM1A
PWM1B
FAULTB
BST1A
VSP1
VSP1
BST1B
SW1A
SW1B
SHDNB
STBYB
FLT3B
FLT2B
Figure 2—Function Block Diagram (
1 full bridge channel only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com