Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8049S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8049S
Description  Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems MP8049S Datasheet HTML 10Page - Monolithic Power Systems MP8049S Datasheet HTML 11Page - Monolithic Power Systems MP8049S Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP8049S Rev. 1.01
www.MonolithicPower.com
12
10/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN 40 (5x5mm)
PIN 1 ID
0.30x45° TYP.
RECOMMENDED LAND PATTERN
PIN 1 ID
INDEX AREA
TOP VIEW
PIN 1 ID
MARKING
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD
FLASH.
3) LEAD COPLANARITY SHALL BE 0.08 MILLIMETERS MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220, VARIATION
VHHE-1
5) DRAWING IS NOT TO SCALE.
BOTTOM VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com