Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 1 Page - Kontron

Part # F5000-R006
Description  Intel® Q370 Express Chipset and Intel® 8th/9th Gen Core™
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 1 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron F5000-R006 Datasheet HTML 4Page - Kontron F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3633-S mITX
Industrial Series
ˆ
Intel® Q370 Express Chipset and
Intel® 8th/9th Gen Core™ i3/i5/i7/i9 Processors
 cTDP – Easy & flexible reduction of CPU TDP
 Supporting Intel® AMT 12.0 / vPro
 Dual Channel LVDS & eDP
 M.2 SSD & Mini-PCIe Socket onboard
 ATX PSU or Single 12 V Supply


Similar Part No. - F5000-R006

ManufacturerPart #DatasheetDescription
logo
Kontron
F5000-R006 KONTRON-F5000-R006 Datasheet
1Mb / 4P
Intel® Q670E Chipset and Intel® Core™ processors
F5000-R006 KONTRON-F5000-R006 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
More results

Similar Description - F5000-R006

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
logo
Advantech Co., Ltd.
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
COM-WHUC6 AAEON-COM-WHUC6 Datasheet
505Kb / 2P
COM Express Compact Type 6 with 8th Gen Intel® Core™ ULT SoC
2022/09/01
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com