Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # F5000-R006
Description  Intel® Q370 Express Chipset and Intel® 8th/9th Gen Core™
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 2 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron F5000-R006 Datasheet HTML 4Page - Kontron F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
// 2
www.kontron.com
D3633-S mITX
Industrial Series
The Motherboard D3633-S mITX offers the perfectly right-sized
solution for all industrial needs and supports the powerful Intel®
Core™ i9/i7/i5/i3 (8th/9th Gen) and the Intel® Pentium®/
Intel® Celeron® processor series. It is equipped with the highly
performant Intel® Q370 Express Chipset and guarantees highest
functionality on a small-sized surface with Intel® AMT 12.0 and
vPro support, 2x Intel® GbE LAN and BIOS configurable PCI Ex-
press® Lane. It is designed and approved for enhanced operating
temperature range up to 60 °C and for 24/7 continuous operation.
PRODUCT HIGHLIGHTS
 Intel® 8th/9th Gen Core™ Processor Series
 DDR4-2666 SDRAM, max. 64 GByte
 cTDP – Easy & flexible reduction of CPU TDP
 Supporting Intel® AMT 12.0/vPro
 PCI Express® x16 (Gen.3)
 2x Intel® GbE LAN (incl. Teaming)
 Intel® UHD Graphics (DX12)
 1x DVI-D, 2x DP V1.2, eDP V1.4 and Dual Channel LVDS
 Intel® High Definition 5.1 Audio; Infineon TPM V2.0
 8 Bit GPIO; 2x COM port (incl. RS-422/RS-485 support)
 6x USB 2.0, 4x USB 3.1 Gen1, 2x USB 3.1 Gen2,
1x USB 3.1 Gen2 stick socket
 4x SATA-III incl. RAID support & M.2
(PCIe-based SSD modules 2242, 2260, or 2280)
 Mini-PCIe socket (halfsize/fullsize support)
 Dual Power Supply (ATX compliant or single 12 V DC)
 BIOS-POST/-Boot & OS – HW Watchdog onboard
Kbd
DVI-D
2x DP V1.2
2x USB 3.1
Gen2
2x USB3.1
Gen1
Audio
COM1
LAN2
Mouse 4x USB 2.0
LAN1 (iAMT)
TECHNICAL INFORMATION
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Core™ i9/i7/i5/i3 (8th/9th Gen) processor series
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1151 – up to 95 W TDP
Intel® Q370 Chipset
DDR4-2666, Dual Channel
2 SO DIMM sockets, up to 64 GByte memory
VIDEO
GRAPHICS
Intel® UHD Graphics, DX12
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC671
5.1-channel, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET
Intel i219LM & i210AT with 10/100/1000 MBit/s, AMT 12.0 / vPro Support
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
4x USB 2.0, 2x USB 2.0 (by header), 2x USB 3.1 Gen1, 2x USB 3.1 Gen1 (by
header), 2x USB 3.1 Gen2, 1x USB 3.1 Gen2 stick socket
1x RS232, 1x RS232/422/485 (by header)
GPIO (by header)
STORAGE & EXPANSION
SATA
PCIE/PCI SLOTS
4x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI, RAID 0/1/5/10,
1x M.2 PCIe (2242/2260/2280), 1x Mini PCIe (halfsize/fullsize)
PCIe x16: 1x Gen3, Support for lane split (8+8 or 8+4+4)
POWER
CONNECTOR
INPUT VOLTAGE
ATX Power Supply
ATX (Multirail) or Single 12 V
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS
modified and adapted by Fujitsu Technology Solutions; Recovery BIOS,
SM-BIOS (DMI), BIOS and CPU Microcode Update, Quick Boot, Logo Boot,
Quiet Boot, Plug & Play, Automatic DRAM and PCIe Configuration, BIOS
Support for S.M.A.R.T., Advanced Power Management, ACPI S3/S4, Wake on
time from S5. HW Watchdog support & BIOS integrated HW Diagnostic Tool.
No legacy OS support, no MBR installation (UEFI only due to Intel restrictions)
3-Level Watchdog (BIOS/BIOS Post/OW HW)
Integrated
TPM V2.0 (Infineon; TCG compliant)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com