Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLC
Description  Phase Unbalance & Loss Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLC Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLC Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
178
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
The SLC Series is designed to protect 3-phase equipment against Phase
UNBALANCE and PHASE LOSS conditions.
With normal operating voltages applied to all three phases, the internal
relay will remain de-energized (DROPPED-OUT).
When a Phase Loss or Phase Unbalance exceeding the pre-selected trip
point occurs, the relay will energize (PICK-UP). The SLC series is typi-
cally used in conjunction with a SHUNT TRIP BREAKER.
Both Delta and Wye systems may be monitored. In Wye systems, con-
nections to neutral are not required.
NOTE: When a phase is lost while the motor is running, a condition
known as regeneration occurs where a voltage is induced into the open
phase nearly equal in magnitude to the normal phase-to-phase volt-
age. The SLC series is designed to detect this condition when properly
adjusted.
OPERATION
SPECIFICATIONS
OPERATING
See Table Below
VOLTAGE
TRANSIENT
1000 Volts For 8 mSEC
PROTECTION
RESET
Automatic
PHASE UNBALANCE 2% to 10%, Adjustable
RANGE
INDICATORS LED
Glows On Fault Condition
RESPONSE TIMES
Operate
0.08 SEC
Release
0.7 SEC
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
U.S. PATENT
4,331,995
NUMBER
WEIGHT
12.5 oz.
MODEL
OPERATING
POWER
OUTPUT
NUMBER
VOLTAGE
REQUIRED RATING
SLC-120-ALE
120 VA
3 VA
DPDT, 5 Amps,
Max.
Resistive;
345 VA, Inductive
SLC-230-ALE
208/240 VAC
@ 240 VAC
SLC-380-ALE
380 VAC
7 VA
DPDT, 3 Amps,
Max.
Resistive;
360 VA, Inductive
SLC-440-ALE
440/480 VAC
@ 600 VAC
All voltages referenced on this page are phase-to-phase.
Phase Unbalance & Loss Monitor
DIMENSIONS (INCHES)
WIRING


Similar Part No. - SLC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
Snap/Clip-Lock Environmentally Sealed - Circular
logo
Littelfuse
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
SLC Class G Fuses
SLC LITTELFUSE-SLC Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Ningbo songle relay co....
SLC SONGLERELAY-SLC Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SLC SANYOU-SLC Datasheet
112Kb / 4P
Miniature High Power Relay
More results

Similar Description - SLC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-F6KA-1G7475-D4CY FUJITSU-FAR-F6KA-1G7475-D4CY Datasheet
285Kb / 5P
DCS-Tx (unbalance)
logo
Panasonic Semiconductor
EFCH836MTCD1 PANASONIC-EFCH836MTCD1 Datasheet
187Kb / 7P
2.0x1.4mm, 5pin-layout 50-50ohms unbalance-unbalance CIRCUIT COMPONENTS BUSINESS UNIT
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
232-INSIDER LITTELFUSE-232-INSIDER Datasheet
289Kb / 2P
Single-Phase Pump Monitor
2019 Rev: 2-C-042619
111P LITTELFUSE-111P Datasheet
473Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com