Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLE
Description  Phase Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLE Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLE Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
181
Diversified Electronics
800.727.5646
atcdiversified.com
IND. CONT. EQ.
496Y
Phase Monitor
• Models Available up to
480 VAC
PROTECTS 3-PHASE
EQUIPMENT AGAINST:
• Phase Loss
• Under Voltage
• Phase Unbalance
LOCK SHAFT ADJUSTMENT FOR:
• Phase Unbalanced Percent
• Under Voltage Drop Out
• Automatic Reset
• Delta or Wye Systems
DIMENSIONS
(INCHES)
The SLE Series is designed to protect 3-phase equipment against
PHASE UNBALANCE, PHASE LOSS, and UNDER VOLTAGE.
With normal operating voltage present on all three phases, the internal
relay will energize (PICK-UP). When a phase loss occurs or the voltages
fall outside the preset unbalance or under voltage settings, the internal
relay will de-energize (DROP-OUT). The relay automatically resets when
the line conditions return to normal.
Both Delta and Wye systems may be monitored. In Wye Systems,
connections to neutral are not required.
NOTE: When a phase is lost while the motor is running, a condition
known as regeneration occurs where a voltage is induced into the
open phase nearly equal in magnitude to the normal phase-to-phase
voltage. The SLE series is designed to detect this condition when
properly adjusted.
The SLE Series is UL Listed under UL File Number E55826
OPERATION
WIRING
SPECIFICATIONS
OPERATING
See Table Below
VOLTAGE
TRANSIENT
1000 Volts For 8 mSEC
PROTECTION
RESET
Automatic
PHASE UNBALANCE 2% to 10%, Adjustable
RANGE
INDICATORS LED
Glows When All Conditions Are Normal
RESPONSE TIMES
Operate
60 Milliseconds
MODELS UP TO
Release
0.5 Seconds
300 VAC
RESPONSE TIMES
Operate
1 Second
MODELS OVER
Release
2 Seconds
300 VAC
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
U.S. PATENT NO.
4,331,995
WEIGHT
12.5 to 13 oz.
MODEL
OPERATING
UNDER VOLTAGE
POWER
HYSTERESIS
OUTPUT RATING
NUMBER
VOLTAGE
DROPOUT RANGE
REQUIRED
SLE-120-ALE
120 VAC
95-115 Adj.
3 VA Max.
5.0 VAC
DPDT, 5 Amps, Resistive; 345 VA,
SLE-230-ALE
208/240 VAC
185-230 Adj.
Inductive @ 240 VAC
SLE-380-ALE
380 VAC
315-390 Adj.
7 VA Max.
10 VAC
DPDT, 3 Amps, Resistive; 360 VA,
SLE-440-ALE
440/480 VAC
370-460 Adj.
Inductive @ 600 VAC
All voltage referenced are phase-to-phase.


Similar Part No. - SLE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
Snap-Lock Environmentally Sealed - Rectangular
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
Photovoltaic Relay
logo
Winchester Electronics ...
SLE WINCHESTER-SLE Datasheet
4Mb / 93P
Rack & Panel
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
logo
Sanyou Corporation Limi...
SLE-DM SANYOU-SLE-DM Datasheet
157Kb / 3P
Photovoltaic Relay
More results

Similar Description - SLE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
231-INSIDER-P LITTELFUSE-231-INSIDER-P Datasheet
375Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
232-INSIDER LITTELFUSE-232-INSIDER Datasheet
289Kb / 2P
Single-Phase Pump Monitor
2019 Rev: 2-C-042619
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
111P LITTELFUSE-111P Datasheet
473Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com