Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBA Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # VBA
Description  Single Phase Voltage Band Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

VBA Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  VBA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
185
Diversified Electronics
800.727.5646
atcdiversified.com
The VBA Series offers protection to SINGLE PHASE equipment that is
required to operate between two voltage limits. Supply voltage is moni-
tored for a preselected UNDER and OVER voltage limit.
With normal operating voltage applied, the internal relay will energize
(PICK-UP). When the voltage falls outside the preset Over/Under trip
points for longer than the release delay, the relay will de-energize
(DROP-OUT). When line conditions return to normal, the VBA Series
automatically resets and the internal relay energizes.
The HYSTERESIS in each unit on the Under and Over limits provides a
differential between the PICK-UP and DROP-OUT trip points.
OPERATION
WIRING
Single Phase Voltage Band Monitor
STYLE "N"
STYLE "A"
E55826
Style A only
POWER REQUIRED Models Up To 110 VDC: 3 Watts, Max.
Models Up To 300 VAC: 5 VA, Max.
OUTPUT RATING
Style A
DPDT, 5A @ 240 VAC, Resistive;
211 VA @ 240 VAC
Style N
SPDT, 10A @ 240 VAC, Resistive;
180 VA, @ 120 VAC
RESPONSE TIMES Operate
50 mSEC (approx.)
(500 mSEC on 12 VDC units)
Release
0.5 SEC (approx.)
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
WEIGHT
5 oz.
SPECIFICATIONS
MODEL
NOMINAL
PICK-UP UNDER
PICK-UP OVER
HYSTERESIS
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VBA-24-A*A
24 VAC
19-24
24-29
2
VBA-120-A*A
120 VAC
90-120
120-150
5
VBA-208-A*A
208 VAC
185-208
208-240
8
VBA-240-A*A
240 VAC
200-240
240-270
10
VBA-12-D*A
12 VDC
10-12
12-15
1
VBA-24-D*A
24 VDC
19-24
24-29
1
VBA-28-D*A
28 VDC
22-28
28-34
1
VBA-48-D*A
48 VDC
38-48
48-58
2
VBA-110-D*A
110 VDC
85-110
110-135
5
VBA-24-AFN
24 VAC
21.6
26.4
0
VBA-120-AFN
120 VAC
108
132
0
VBA-208-AFN
208 VAC
187
229
0
VBA-220-AFN
208/240 VAC
198
242
0
VBA-230-AFN
230 VAC
207
253
0
VBA-240-AFN
240 VAC
216
264
0
*Adjustments - F = Fixed
K = Knob
L = Locknut
RB-08 or PF083A


Similar Part No. - VBA

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VBA-2A-G10-E2L-1M-2V1-W PF-VBA-2A-G10-E2L-1M-2V1-W Datasheet
358Kb / 3P
AS-Interface actuator module
VBA-2A-G11-I-F PF-VBA-2A-G11-I-F Datasheet
414Kb / 3P
AS-Interface analog module
VBA-2A-G11-I-V1 PF-VBA-2A-G11-I-V1 Datasheet
418Kb / 3P
AS-Interface analog module
VBA-2A-G11-IL-V1 PF-VBA-2A-G11-IL-V1 Datasheet
423Kb / 3P
AS-Interface analog module
VBA-2A-G4-I PF-VBA-2A-G4-I Datasheet
260Kb / 2P
AS-Interface analog module
More results

Similar Description - VBA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
77C LITTELFUSE-77C Datasheet
373Kb / 4P
Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com