Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3927 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 512 page
background image
Chapter 2 Structure
2-1
2.
Structure
2.1
Block Diagram
Figure 2.1.1 TX3927 block diagram
DMAC
(4ch.)
ROMC
EBIF
PLL
CG
SD RAMC
SIO1
G to IM Bridge
WBU
DSU
TX39/H2 core
TX39
I-Cache
D-Cache
G-Bus I/F
TMR2
PCIC
TMR1
TMR0
IRC
SIO0
XIN
XOUT
SYSCLK
PCIAD [31:0]
C_BE [3:0]
PAR
FRAME*
TREDY*
IRDY*
STOP*
DEVSEL*
REQ [3:0] *
PCICLK [0]
PCICLK [3:1]
PERR*
SERR*
IDSEL
GNT [3:0] *
TIMER [1]
TIMER [0]
TCLK
CLKEN
DATA [31:0]
ACK*
RESET*
NMI*
INT [5:0]
SDCLK [4:0]
RAS*
CAS*
SDCS [1:0] *
SDCS_CE [7:2] *
CE [1:0] *
DQM [3:0]
WE*
CKE
ADDR [19:2]
ACE*
SWE*
OE*
BWE [3:0] *
DSF
DMAREQ [3:0]
DMAACK [3:0]
DMADONE*
CTS [1:0]*
RTS [1:0]*
RXD [1:0]
TXD [1:0]
SCLK
TEST*
SCAN_ENB*
GDCLK
GSDAO [1:0]
GPCST [3:0]
GDRESET*
GDBGE*
GSDI*
PIO [15:0]
PCI3*
SDRCLKEN
PCICLKEN
SYSCLKEN
PCIXARB*
BBC
TLBOFF*
BME [1:0]
BOOT16*
CHANHS*
BAI*
ENDIAN
PLLM [1:0]
Note: Some pins are multiplexed with other functions.
For more information on multiplexed pins, refer to “3.3 Pin Multiplexing.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com