Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3927 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 512 page
background image
Chapter 3 Pins
3-3
3.2
Pin Description
Signal Name
I/O
Description
System interface
SYSCLK
O
System Clock
Outputs a system clock in full speed mode (at one half the frequency of the TX39/H2
core) or half speed mode (at one quarter the frequency of the TX39/H2 core).
The mode depends on the settings of boot signals CHANHS* (ADDR[15] pin) and
BME[1:0] (ADDR[9:8] pins). Half speed mode is selected when CHANHS* is set to “0”
or BME[1:0] are set to “10”.
DATA [31:0]
I/O
Data
Data bus signals.
In 16-bit bus mode, the DATA[15:0] pins are used.
The pins are equipped with internal pull-up resistors.
ACK*
I/O
Acknowledge
In external ACK* mode, this pin is used for an input signal for terminating bus
operation. It can also be used as an RDY input (which can be set on a per channel
basis). In internal ACK* mode, the pin is used to output a signal for notifying external
devices of the termination of bus operation.
The pin is equipped with an internal pull-up resistor.
RESET*
I
Reset
Initializes the TX3927.
The RESET* signal must remain low for at least 512 CPU clock cycles to initialize the
internal circuitry.
The pin is equipped with an internal pull-up resistor.
Clock signals
XIN
I
Crystal Input
Connect a crystal resonator or directly input an external clock signal.
The clock frequency must match the multiplier specified with boot signals PLLM[1:0]
(ADDT[3:2] pins).
PLLM[1:0] = “01”: The multiplier is 2. In this case, input an external clock signal,
leaving XOUT open.
PLLM[1:0] = “11”: The multiplier is 16. In this case, connect a crystal resonator or input
an external clock signal.
PLLM[1:0] should not be set to “00” or “10”.
XOUT
O
Crystal Output
Connect a crystal resonator.
This pin must be left open when PLLM[1:0] = “01”.
CLKEN
I
Clock Enable
Enables the internal clock generator of the TX3927.
The CLKEN signal must remain low until the clock signal input from XIN (a crystal
resonator or external clock input) becomes stable as the voltage settles.
The pin is equipped with an internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com