Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520ZS-30 Datasheet(PDF) 1 Page - Rohm

Part # RB520ZS-30
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB520ZS-30 Datasheet(HTML) 1 Page - Rohm

  RB520ZS-30 Datasheet HTML 1Page - Rohm RB520ZS-30 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB520ZS-30
Diode
Schottky Barrier Diode
RB520ZS-30
●Applications
●Dimensions(Unit : mm)
●Land size figure(Unit : mm)
General rectification
●Features
1)Ultra small mold type.(GMD2)
2)Low IR
3)High reliability
●Construction
Silicon epitaxial
●Structure
●Taping specifications(Unit : mm)
●Absolute maximum ratings(Ta=25℃)
Symbol
Unit
VR
V
Io
mA
IFSM
mA
Tj
Tstg
●Electrical characteristics(Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.46
V
IF=10mA
IR
-
-
0.3
µA
VR=10V
1/1
Parameter
Reverse voltage (DC)
Average rectified forward current
-40 to +150
Limits
30
100
Reverse current
Parameter
Junction temperature
Storage temperature
Conditions
Forward current surge peak(60Hz・1cyc)
500
150
GMD2
0.31
ROHM : GMD2
dot (year week factory)
0.3±0.05
0.3±0.03
0~0.03


Similar Part No. - RB520ZS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB520ZS-30 ROHM-RB520ZS-30 Datasheet
133Kb / 4P
Schottky Barrier Diode
RB520ZS-30 ROHM-RB520ZS-30 Datasheet
1Mb / 8P
Schottky Barrier Diode
RB520ZS-30 ROHM-RB520ZS-30_1 Datasheet
133Kb / 4P
Schottky Barrier Diode
RB520ZS-30 ROHM-RB520ZS-30_16 Datasheet
1Mb / 8P
Schottky Barrier Diode
More results

Similar Description - RB520ZS-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com