Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD630HTA75P8HT Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD630HTA75P8HT
Description  750V/630A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD630HTA75P8HT Datasheet(HTML) 4 Page - StarPower Europe AG

  GD630HTA75P8HT Datasheet HTML 1Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 2Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 3Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 4Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 5Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 6Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 7Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 8Page - StarPower Europe AG GD630HTA75P8HT Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD630HTA75P8HT
IGBT Module
©2025 STARPOWER Semiconductor Ltd.
1/17/2025
4/11
B01
tP≤3μs,VGE=15V,
Tvj=175
oC,VCC=450V,
VCEM≤750V
2600
Diode Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=420A,VGE=0V,Tvj=25
oC
1.55
2.00
V
IF=420A,VGE=0V,Tvj=150
oC
1.55
IF=420A,VGE=0V,Tvj=175
oC
1.50
IF=630A,VGE=0V,Tvj=25
oC
1.75
IF=630A,VGE=0V,Tvj=175
oC
1.75
Qr
Recovered Charge
VR=450V,IF=420A,
-di/dt=8203A/μs, LS=20nH,
VGE=-8V,Tvj=25
oC
15.0
μC
IRM
Peak Reverse
Recovery Current
271
A
Erec
Reverse Recovery
Energy
3.33
mJ
Qr
Recovered Charge
VR=450V,IF=420A,
-di/dt=7182A/μs, LS=20nH,
VGE=-8V,Tvj=150
oC
28.2
μC
IRM
Peak Reverse
Recovery Current
327
A
Erec
Reverse Recovery
Energy
6.92
mJ
Qr
Recovered Charge
VR=450V,IF=420A,
-di/dt=6918A/μs, LS=20nH,
VGE=-8V,Tvj=175
oC
31.7
μC
IRM
Peak Reverse
Recovery Current
339
A
Erec
Reverse Recovery
Energy
7.78
mJ
NTC Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
TC=100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com